Part Number Hot Search : 
V275LA4 AD810 C0402C BYR245 1N523 1303H PMODTMP2 MC78L12A
Product Description
Full Text Search
 

To Download CRO2450B-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRO2450B-LF
PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev B2
Applications * Digital Radio Equipment * Fixed Wireless Access * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 2445
Typ -116 -11
Max 2455 -9 3.3
Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C
0 5 0 2 50
4 50 1 1
0 MINI-16 Min Typ 3.8 23
40
Max 28
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
2465
CRO2450B-LF
Rev B2
FREQUENCY (MHz)
2460 2455 2450 2445 2440 2435 0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.3
40 C 25 C 0 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
5
POWER OUTPUT (dBm)
4 3
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
2 1
0.030 MIN. CUTBACK FROM LIVE PADS
0 2441
2443
2446
2449
2451
2454
2457
2459
FREQUENCY (MHz)
40 C 25 C 0 C
Physical Dimensions
PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085
Z-COMM XXXXXXXX-LF W/O# D/C
PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of CRO2450B-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X